Part Number Hot Search : 
224M0 10200 CXH16 CTSCH108 10200 C74LVX ST75185C ZMM5247B
Product Description
Full Text Search
 

To Download L2SK3019LT1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio company, ltd. sot? 23 s-l2sk3019lt1g maximum ratings and thermal characteristics (t a = 25 o c unless otherwise noted) symbol limit unit v ds 30 v gs 20 i d i dm 225 t j , t stg -55 to 150 o c parameter v ma mw drain-source voltage p d pulsed drain current 1) operating junction and storage temperature range continuous drain current gate-source voltage total power dissipation silicon n-channel mosfet features low on-resistance fast switching speed we declare that the material of product compliance with rohs requirements. device marking shipping ordering information 3000/tape & reel 10,000/tape & reel kn l2sk3019lt1g l2sk3019lt3g kn applications interfacing,switching(30v,100ma) low voltage drive(2.5v) makes this ideal for portable equipment drive circuits can be simple parallel use is easy equivalent circuit drain source gate ? gate protection diode  a pr otection diode is included between the gate and the source terminals to protect the diode against static electricity when the product is in use. use a protection circuit when the fixed voltages are exceeded. 100 400 2) 1) pw 10 s, duty cycle 1% 2) with each pin mounted on the recommended lands. rev .a 1/4 1 2 3 esd>500 l2sk3019lt1g s-l2sk3019lt1g s-l2sk3019lt3g s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable. 1 2 3
leshan radio company, ltd. l2sk3019lt1g,s-l2sk3019lt1g z electrical characteristics (ta=25 c) parameter symbol i gss v (br)dss i dss v gs(th) r ds(on) r ds(on) c iss |y fs | c oss c rss min. ? 30 ? 0.8 ? ? 20 ? ? ? ? ? ? 5 13 ? 9 4 1 ? 1.0 1.5 8 ? 713 ? ? ? ? av gs = 20v, v ds = 0v i d = 10 a, v gs = 0v v ds = 30v, v gs = 0v v ds = 3v, i d = 100 a i d = 10ma, v gs = 4v i d = 1ma, v gs = 2.5v v ds = 5v i d = 10ma, v ds = 3v v gs = 0v f = 1mhz v a v ? ? pf ms pf pf t d(on) ? 15 ? i d = 10ma, v dd 5v ns t r ? 35 ? v gs = 5v ns t d(off) ? 80 ? r l = 500 ? ns t f ? 80 ? r g = 10 ? ns typ. max. unit conditions gate-source leakage drain-source breakdown voltage zero gate voltage drain curren t gate threshold voltage forward transfer admittance input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time static drain-source on-state resistance z electrical characteristic curves 012345 0 0.05 0.1 0.15 drain current : i d (a) drain-source voltage : v ds (v) 3v 3.5v 2.5v v gs = 1.5v 4v 2v fig.1 typical output characteristics ta = 25 c pulsed 04 0.1m 100m drain current : i d (a) gate-source voltage : v gs (v) 1 10m 3 2 1m 0.2m 0.5m 2m 5m 50m 20m 200m ta = 125 c 75 c 25 c ? 25 c v ds = 3v pulsed fig.2 typical transfer characteristics ? 50 0 0 1 1.5 2 gate threshold voltage : v gs(th) (v) channel temperature : tch ( c) 0.5 ? 25 25 50 75 100 125 150 v ds = 3v i d = 0.1ma pulsed fig.3 gate threshold voltage vs. channel temperature 0.001 1 2 50 static drain-source on-state resistance : r ds(on) ( ? ) drain current : i d (a) 0.5 0.002 0.005 0.01 0.02 0.05 0.1 0.2 0.5 5 10 20 ta = 125 c 75 c 25 c ? 25 c v gs = 4v pulsed fig.4 static drain-source on-state resistance vs. drain current ( ) 0.001 1 2 50 0.5 0.002 0.005 0.01 0.02 0.05 0.1 0.2 0.5 5 10 20 static drain-source on-state resistance : r ds(on) ( ? ) v gs = 2.5v pulsed drain current : i d (a) ta = 125 c 75 c 25 c ? 25 c fig.5 static drain-source on-state resistance vs. drain current ( ? ) 0 5 10 15 20 0 5 10 15 gate-source voltage : v gs (v) i d = 0.1a static drain-source on-state resistance : r ds(on) ( ? ) ta = 25 c pulsed i d = 0.05a fig.6 static drain-source on-state resistance vs. gate-source voltage rev .a 2/4
leshan radio company, ltd. ? 50 0 25 150 0 3 6 9 channel temperature : tch ( c ) ? 25 50 75 100 125 2 1 4 5 7 8 v gs = 4v pulsed i d = 100ma i d = 50ma static drain-source on-state resistance : r ds(on) ( ? ) fig.7 static drain-source on-state resistance vs. channel temperature 0.0001 0.001 0.01 0.02 0.5 forward transfer admittance : |yfs| (s) drain current : i d (a) 0.005 0.0002 0.0005 0.001 0.002 0.005 0.01 0.02 0.05 0.05 0.1 0.2 0.1 0.2 0.5 0.002 ta =? 25 c 25 c 75 c 125 c v ds = 3v pulsed fig.8 forward transfer admittance vs. drain current 200m reverse drain current : i dr (a) source-drain voltage : v sd (v) 1.5 1 0.5 0 100m 50m 20m 10m 5m 2m 1m 0.5m 0.2m 0.1m v gs = 0v pulsed ta = 125 c 75 c 25 c ? 25 c fig.9 reverse drain current vs. source-drain voltage ( ) 200m reverse drain current : i dr (a) source-drain voltage : v sd (v) 1.5 1 0.5 0 100m 50m 20m 10m 5m 2m 1m 0.5m 0.2m 0.1m ta = 25 c pulsed v gs = 4v 0v fig.10 reverse drain current vs. source-drain voltage ( ? ) 0.1 1 2 50 capacitance : c (pf) drain-source voltage : v ds (v) 0.5 0.2 0.5 1 2 5 10 20 50 5 10 20 c iss c oss c rss ta = 25 c f = 1mh z v gs = 0v fig.11 typical capacitance vs. drain-source voltage 0.1 10 20 500 swithing time : t (ns) drain current : i d (ma) 5 0.2 0.5 1 2 5 10 20 50 50 100 200 1000 2 100 ta = 25 c v dd = 5v v gs = 5v r g = 10 ? pulsed t d(off) t r t d(on) t f fig.12 switching characteristics (see figures 13 and 14 for the measurement circuit and resultant waveforms) z switching characteristics measurement circuit fig.13 switching time measurement circuit v gs r g v ds d.u.t. i d r l v dd 90% 50% 10% 90% 10% 50% pulse width 10% v gs v ds 90% t f t off t d (off) t r t on t d (on) fig.14 switching time waveforms rev .a 3/4 l2sk3019lt1g,s-l2sk3019lt1g
notes: 1. dimensioning and tolerancing per ansi y14.5m,1982 2. controlling dimension: inch. inches millimeters dim min max min max a 0.1102 0.1197 2.80 3.04 b 0.0472 0.0551 1.20 1.40 c 0.0350 0.0440 0.89 1.11 d 0.0150 0.0200 0.37 0.50 g 0.0701 0.0807 1.78 2.04 h 0.0005 0.0040 0.013 0.100 j 0.0034 0.0070 0.085 0.177 k 0.0140 0.0285 0.35 0.69 l 0.0350 0.0401 0.89 1.02 s 0.0830 0.1039 2.10 2.64 v 0.0177 0.0236 0.45 0.60 sot - 23 d j k l a c b s h g v 12 3 mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 0.031 0.8 leshan radio company, ltd. rev .a 4/4 l2sk3019lt1g,s-l2sk3019lt1g


▲Up To Search▲   

 
Price & Availability of L2SK3019LT1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X